PART |
Description |
Maker |
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
FDD6680AS FDD6680AS08 |
30V N-Channel PowerTrench? SyncFET?/a> 30V N-Channel PowerTrench垄莽 SyncFET垄芒 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
NTMFS4122N |
30V,23A,Single N Channel,SO 8 Flat Lead Power MOSFET(30V,23A,N沟道功率MOSFET) 30V的,3A条,单个N频道平引脚功率MOSFET0V的,3A条,沟道功率MOSFET的) 30V,23A,Single N Channel,SO 8 Flat Lead Power MOSFET(30V,23A,N娌?????MOSFET)
|
ON Semiconductor
|
AM29C516A-1/BXC AM29C516A-1PC AM29C516-1PC AM29C51 |
30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA57Z60 with optional Total Dose Rating of 1000kRads 200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-1 package; A IRHN7250SE with Standard Packaging 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package. Also available with Total Dose Rating of 300kRads.; Similar to IRHNJ67130 with optional Total Dose rating of 300kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package; A IRHN7130 with Standard Packaging 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; JANS Certified version of the IRHNA57Z60 with optional Total Dose Rating of 500kRads 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM7Z60 with optional Total Dose Rating of 300kRads 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA57Z60 with optional Total Dose Rating of 500kRads 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package; Similar to IRHNJ57Z30 with optional Total Dose Rating of 500kRads Multiplier 乘数 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; A IRHM7Z60 with Standard Packaging 乘数 -30V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a Low-Ohmic TO-254AA package; Similar to IRHMS597Z60 with optional Total Dose Rating of 300kRads 乘数
|
Rochester Electronics, LLC AverLogic Technologies, Corp. Vectron International, Inc.
|
RF1K49157 |
6.3A, 30V, Avalanche Rated, Single N-Channel LittleFET Enhancement Mode Power MOSFET 6.3A, 30V, AVALANCHE RATED, SINGLE N-CHANNEL LITTLEFET⒙ ENHANCEMENT MODE POWER MOSFET 6.3A, 30V, Avalanche Rated, Single N-Channel LittleFETEnhancement Mode Power MOSFET
|
Fairchild Semiconductor Corporation
|
IRF3707 IRF3707L IRF3707S IRF3707PBF IRF3707STRL I |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V Rds(on)max=12.5mohm Id=62A) Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A) Power MOSFET(Vdss=30V/ Rds(on)max=12.5mohm/ Id=62A)
|
IRF[International Rectifier]
|
IRL2203S IRL2203STRR IRL2203STRL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A?
|
International Rectifier
|
1N5456A 1N5440 1N5454A 1N5451A 1N5452A 1N5453A |
Diode VAR Cap Single 30V 100pF 2-Pin DO-7 Diode VAR Cap Single 30V 4.7pF 2-Pin DO-7 Diode VAR Cap Single 30V 68pF 2-Pin DO-7 Diode VAR Cap Single 30V 39pF 2-Pin DO-7 Diode VAR Cap Single 30V 47pF 2-Pin DO-7 Diode VAR Cap Single 30V 56pF 2-Pin DO-7
|
New Jersey Semiconductor
|